PART |
Description |
Maker |
IDT709279S_L IDT709279S9PF IDT709279S9PF8 IDT70927 |
32K x 16 Sync, Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
|
IDT
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
IDT7037 IDT7037L IDT7037L20PFI IDT7037L15PF IDT703 |
32K x 18 Dual-Port RAM HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT70V27L15BF IDT70V27L15BFI IDT70V27L15G IDT70V27 |
32K x 16 3.3V Dual-Port RAM HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
IDT707278 IDT707278L IDT707278L15PF IDT707278L15PF |
HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 32K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70 32K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 Dual Low-Noise JFET-Input General-Purpose Operational Amplifier 8-PDIP -40 to 85 高2K的16 BANK-SWITC哈布莱双端口SRAM与外部银行选择 Low-Noise JFET-Input Operational Amplifier 8-PDIP 0 to 70 32K x 16 Asynchronous Bank-Switchable Dual-Port SRAM
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT70V37L20PFI IDT70V37L IDT70V37L15PF IDT70V37L15 |
32K x 18 3.3V Dual-Port RAM HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
|
IDT[Integrated Device Technology]
|
CY7C09099V-7AI |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 128K X 8 DUAL-PORT SRAM, 18 ns, PQFP100
|
Cypress Semiconductor, Corp.
|
AS9C25512M2018L AS9C25256M2018L AS9C25512M2018L-25 |
Dual-Port Sync SRAM-2.5V/3.3V 2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
|
ALSC[Alliance Semiconductor Corporation]
|
CY7C056V05 CY7C057V CY7C057V-12AC CY7C057V-15AXC C |
3.3V 16K/32K x 36 FLEx36垄芒 Asynchronous Dual-Port Static 3.3V 16K/32K x 36 FLEx36?/a> Asynchronous Dual-Port Static
|
Cypress Semiconductor http://
|
CY7C038-12AC CY7C028-20AC CY7C028-20AI CY7C027-15A |
32K/64K x 16/18 Dual-Port Static RAM 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K x 16/18 Dual-Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K x 16/18 Dual-Port Static RAM 64K X 18 DUAL-PORT SRAM, 15 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|